PART |
Description |
Maker |
74LCX16841 74LCX16841MTD 74LCX16841MEA 74LCX16841M |
Low Voltage 20-Bit Transparent Latch with 5V Tolerant Inputs and Outputs 10-Bit D-Type Latch LVC/LCX/Z SERIES, DUAL 10-BIT DRIVER, TRUE OUTPUT, PDSO56
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
74VCX16373-D 74VCX16373DT |
8-Bit D-Type Latch 8位D型锁存器 Low-Voltage 1.8/2.5/3.3V 16-Bit Transparent Latch With 3.6V-Tolerant Inputs and Outputs (3-State, Non-Inverting)
|
ON Semiconductor
|
CS5525 CS5525-AP CS5525-AS CS5525-BP CS5525-BS CS5 |
16/20-Bit, Multirange A/D Converters with 4-Bit Latch 16 BIT / 20 BIT MULTI RANGE ADC WITH 4 BIT LATCH
|
CIRRUS[Cirrus Logic]
|
V54FCT846ADL V74FCT374PO V74FCT245PO |
8-Bit D-Type Latch Octal D-Type Flip-Flop 八路D类触发器 Single 8-bit Bus Transceiver 位总线收发
|
3M Company
|
74ABT573 74ABT573CMSA 74ABT573CMTC 74ABT573CPC 74A |
8-Bit D-Type Latch 8位D型锁存器 825MHz to 915MHz, SiGe High-Linearity Active Mixer Octal D-Type Latch with 3-STATE Outputs From old datasheet system
|
Fairchild Semiconductor, Corp.
|
74ACT32701LB 74ACT32701LBR |
16-BIT D-TYPE LATCH PLUS 16-BIT BUS BUFFER WITH 3-STATE OUTPUT (NON INVERTED)
|
ST Microelectronics
|
IDT74ALVC16260 |
3.3V CMOS 12-BIT TO 24-BIT MULTIPLEXED D-TYPE LATCH WITH 3-STATE OUTPUTS
|
IDT
|
74LVC162373A 74LVC162373ADGG 74LVC162373ADL 74LVC_ |
16-bit D-type transparent latch with 30Ω series termination resistors, 5V input/output tolerant (3-State)(0Ω系列终端电阻器,5V输入/输出容限6位D透明锁存器(三态)) 16-bit D-type transparent latch with 30 ohm series termination resistors; 5 V input/output tolerant; 3-state From old datasheet system
|
Philips Semiconductors
|
M74HC77 |
4-BIT D-TYPE LATCH
|
STMicro
|
54FCT573AFMQR |
8-Bit D-Type Latch 8位D型锁存器
|
Vishay Intertechnology, Inc.
|
N74F1604N-B |
8-Bit D-Type Latch 8D型锁存器
|
Central Semiconductor, Corp.
|
8407001FX |
2-Bit D-Type Latch 2D型锁存器
|
3M Company
|